PART |
Description |
Maker |
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
DL4454 |
Silicon Switching Diode 500 mW 75 Volt
|
MCC[Micro Commercial Components]
|
1N4454-TP |
400mW 75 Volt Silicon Epitaxial Diode
|
Micro Commercial Components
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
MMBD4148 |
350mW 100 Volt Silicon Epitaxial Diode
|
Micro Commercial Components
|
1N4148 |
500mW 100 Volt Silicon Epitaxial Diode
|
Micro Commercial Components
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
MDD172-16N1 MDD172 MDD172-08N1 MDD172-12N1 MDD172- |
High Power Diode Modules 大功率二极管模块 High Power Diode Modules 190 A, 1600 V, SILICON, RECTIFIER DIODE High Power Diode Modules 190 A, 800 V, SILICON, RECTIFIER DIODE High Power Diode Modules 190 A, 1800 V, SILICON, RECTIFIER DIODE Thyristor and Rectifiers Modules
|
IXYS, Corp. IXYS Corporation
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
1N2439 1N1399 1N3296 1N2431 1N2433 1N2434 1N2435 R |
Silicon Power Rectifier 125 A, 400 V, SILICON, RECTIFIER DIODE, DO-205AA Silicon Power Rectifier 125 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AA Silicon Power Rectifier 100 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AA Silicon Power Rectifier 100 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AA Silicon Power Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MSK4351U MSK4351 MSK4351D MSK4351ED MSK4351ES MSK4 |
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
|
M.S. Kennedy Corporatio... MSK[M.S. Kennedy Corporation]
|
|